| データシートサーチシステム |
|
SMP2100SCMC データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMP2100SCMC データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() Characteristics SMP-0SCMC 2/7 Doc ID 022779 Rev 1 1 Characteristics Figure 1. Electrical characteristics - definitions (Tamb = 25 °C) Table 1. Absolute ratings (-40 °C < Tamb < 85 °C) for repetitive peak pulse current IPP Voltage pulse 0.5/700 2/10 1.2/50 10/160 10/560 9/720 10/360 10/1000 10/700 µs Current pulse 0.2/310 2/10 8/20 10/160 10/560 5/320 10/360 10/1000 5/310 µs IPP 100 500 400 200 150 200 175 100 200 A Table 2. Absolute ratings (Tamb = 25 °C) for other parameters Symbol Parameter Value Unit ITSM Non repetitive surge peak on-state current (sinusoidal)(1) t = 10 ms t = 0.2 s t = 1 s t = 2 s t = 15 mn 61 18 9 7 4 A Tstg Storage temperature range -55 to 150 °C Tj Operating junction temperature range -40 to 150 °C TL Maximum lead temperature for soldering during 10 s. 260 °C 1. In fail safe mode, the device acts as a short circuit. VRM VR VBO V I IPP IBO IH IRM Symbol Parameter V Stand-off voltage V Breakover voltage I Leakage current I Peak pulse current I current On-state I Holding current V voltage On-state C Capacitance RM BO RM PP T H T IT VT |