| データシートサーチシステム |
|
XIO2001IPNP データシート(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
XIO2001IPNP データシート(HTML) 9 Page - Texas Instruments |
|
9 / 141 page ![]() 9 XIO2001 www.ti.com SCPS212I – MAY 2009 – REVISED JANUARY 2016 Product Folder Links: XIO2001 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated Pin Descriptions (continued) Pin Functions (continued) SIGNAL ZGU BALL NO. ZAJ BALL NO. PNP PIN NO. I/O TYPE EXTERNAL PARTS DESCRIPTION VSS E05, E06, E07, E08, E09, F05, F06, F07, F08, F09, G05, G06, G07, G08, G09, H05, H06, H07, H08, H09, J05, J06, J07, J08, J09 GND Ground terminals for thermally- enhanced package VSSA K10, C11, H12, G11, E11, E10 G09, B12, J13, G12, F13, D12 79, 82, 86, 89 GND Analog ground terminal COMBINED POWER OUTPUT VDD_15_COMB L13 N13 69 Feed through Bypass capacitors Internally-combined 1.5-V main and VAUX power output for external bypass capacitor filtering. Supplies all internal 1.5-V circuitry powered by VAUX. Caution: Do not use this terminal to supply external power to other devices. VDD_33_COMB J13 K12 75 Feed through Bypass capacitors Internally-combined 3.3-V main and VAUX power output for external bypass capacitor filtering. Supplies all internal 3.3-V circuitry powered by VAUX. Caution: Do not use this terminal to supply external power to other devices. VDD_33_COMBIO K11 K11 70 Feed through Bypass capacitors Internally-combined 3.3-V main and VAUX power output for external bypass capacitor filtering. Supplies all internal 3.3-V input/output circuitry powered by VAUX. Caution: Do not use this terminal to supply external power to other devices. |