データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STBP110CVDJ6F データシート(PDF) 11 Page - STMicroelectronics

部品番号 STBP110CVDJ6F
部品情報  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110CVDJ6F データシート(HTML) 11 Page - STMicroelectronics

Back Button STBP110CVDJ6F Datasheet HTML 7Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 8Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 9Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 10Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 11Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 12Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 13Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 14Page - STMicroelectronics STBP110CVDJ6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
STBP110
Operation
Doc ID 018687 Rev 3
11/40
3.5
Thermal shutdown
If the STBP110 internal junction temperature exceeds the Toff threshold, the internal
MOSFET switch is turned off and the fault indication output FLT is driven low.
To improve thermal robustness, this circuit has a 20 °C hysteresis, THYS(off).
Due to the internal reverse diode, the thermal shutdown is not functional for the reverse
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40