| データシートサーチシステム |
|
STL4N80K5 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STL4N80K5 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 17 page ![]() Packaging mechanical data STL4N80K5 14/17 DocID025574 Rev 2 5 Packaging mechanical data Figure 23. PowerFLAT™ 5x6 tape Figure 24. PowerFLAT™ 5x6 package orientation in carrier tape Measured from centerline of sprocket hole to centerline of pocket. Cumulative tolerance of 10 sprocket holes is ± 0.20 . Measured from centerline of sprocket hole to centerline of pocket. (I) (II) (III) All dimensions are in millimeters 2 2.0±0.1 (I) Ko (1.20±0.1) ±0.05) Ø1.5 MIN. Ø1.55±0.05 P Ao(6.30±0.1) 1.75±0.1 4.0±0.1 (II) P 0 Y Y SECTION Y-Y C L P1(8.00±0.1) Do D1 E1 (0.30 T REF .R0.50 Base and bulk quantity 3000 pcs 8234350_Tape_rev_C Pin 1 identification |