データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54F190DM データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 54F190DM
部品情報  Up/Down Decade Counter with Preset and Ripple Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F190DM データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button 54F190DM Datasheet HTML 2Page - National Semiconductor (TI) 54F190DM Datasheet HTML 3Page - National Semiconductor (TI) 54F190DM Datasheet HTML 4Page - National Semiconductor (TI) 54F190DM Datasheet HTML 5Page - National Semiconductor (TI) 54F190DM Datasheet HTML 6Page - National Semiconductor (TI) 54F190DM Datasheet HTML 7Page - National Semiconductor (TI) 54F190DM Datasheet HTML 8Page - National Semiconductor (TI) 54F190DM Datasheet HTML 9Page - National Semiconductor (TI) 54F190DM Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74F
190
S
C
X
Temperature Range Family
Special Variations
74FeCommercial
X e Devices shipped in 13 reels
54FeMilitary
QB e Military grade device with
environmental and burn-in
Device Type
processing shipped in tubes
Package Code
Temperature Range
P e Plastic DIP
CeCommercial (0 Cto a70 C)
D e Ceramic DIP
MeMilitary (b55 Cto a125 C)
F e Flatpak
L e
Leadless Chip Carrier (LCC)
S e Small Outline SOIC JEDEC
6



Html Pages

1 2 3 4 5 6 7 8 9 10