| データシートサーチシステム |
|
STM32F479AI データシート(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AI データシート(HTML) 65 Page - STMicroelectronics |
|
65 / 208 page ![]() DocID028010 Rev 2 65/208 STM32F479xx Pinouts and pin description 79 - - - - 186 D8 PK3 I/O FT - LCD_B4, EVENTOUT - - - - - 187 D7 PK4 I/O FT - LCD_B5, EVENTOUT - - - - - 188 C6 PK5 I/O FT - LCD_B6, EVENTOUT - - - - - 189 C5 PK6 I/O FT - LCD_B7, EVENTOUT - - - - - 190 C4 PK7 I/O FT - LCD_DE, EVENTOUT - F6 D8 B7 160 191 B7 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, DCMI_D13, EVENTOUT - B5 A8 A10 161 192 A10 PB3(JTDO/TRA CESWO) I/O FT - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK/I2S3_CK, EVENTOUT - D6 C8 A9 162 193 A9 PB4(NJTRST) I/O FT - NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, I2S3ext_SD, EVENTOUT - D5 B8 A6 163 194 A8 PB5 I/O FT - TIM3_CH2, I2C1_SMBA, SPI1_MOSI, SPI3_MOSI/I2S3_SD, CAN2_RX, OTG_HS_ULPI_D7, ETH_PPS_OUT, FMC_SDCKE1, DCMI_D10, LCD_G7, EVENTOUT - C5 G8 B6 164 195 B6 PB6 I/O FT - TIM4_CH1, I2C1_SCL, USART1_TX, CAN2_TX, QUADSPI_BK1_NCS, FMC_SDNE1, DCMI_D5, EVENTOUT - B4 A9 B5 165 196 B5 PB7 I/O FT - TIM4_CH2, I2C1_SDA, USART1_RX, FMC_NL, DCMI_VSYNC, EVENTOUT - A5 F8 D6 166 197 E6 BOOT0 I B - - VPP D4 B9 A5 167 198 A7 PB8 I/O FT - TIM4_CH3, TIM10_CH1, I2C1_SCL, CAN1_RX, ETH_MII_TXD3, SDIO_D4, DCMI_D6, LCD_B6, EVENTOUT - Table 10. STM32F479xx pin and ball definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |