データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F446RC データシート(PDF) 49 Page - STMicroelectronics

部品番号 STM32F446RC
部品情報  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446RC データシート(HTML) 49 Page - STMicroelectronics

Back Button STM32F446RC Datasheet HTML 45Page - STMicroelectronics STM32F446RC Datasheet HTML 46Page - STMicroelectronics STM32F446RC Datasheet HTML 47Page - STMicroelectronics STM32F446RC Datasheet HTML 48Page - STMicroelectronics STM32F446RC Datasheet HTML 49Page - STMicroelectronics STM32F446RC Datasheet HTML 50Page - STMicroelectronics STM32F446RC Datasheet HTML 51Page - STMicroelectronics STM32F446RC Datasheet HTML 52Page - STMicroelectronics STM32F446RC Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 201 page
background image
DocID027107 Rev 5
49/201
STM32F446xC/E
Pinout and pin description
66
17
26
E6
M2
37
PA3
I/O FT
-
TIM2_CH4, TIM5_CH4,
TIM9_CH2, SAI1_FS_A,
USART2_RX,
OTG_HS_ULPI_D0,
EVENTOUT
ADC123_IN3
18
27
-
G4
38
VSS
S
-
-
-
-
-
-
J8
H5
-
BYPASS_REG
I
FT
-
-
-
19
28
-
F4
39
VDD
S
-
-
-
-
20
29
H7
J3
40
PA4
I/O TC
-
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
USART2_CK,
OTG_HS_SOF,
DCMI_HSYNC,
EVENTOUT
ADC12_IN4,
DAC_OUT1
21
30
F6
K3
41
PA5
I/O TC
-
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK/I2S1_CK,
OTG_HS_ULPI_CK,
EVENTOUT
ADC12_IN5,
DAC_OUT2
22
31
G6
L3
42
PA6
I/O FT
-
TIM1_BKIN, TIM3_CH1,
TIM8_BKIN, SPI1_MISO,
I2S2_MCK, TIM13_CH1,
DCMI_PIXCLK,
EVENTOUT
ADC12_IN6
23
32
E5
M3
43
PA7
I/O FT
-
TIM1_CH1N, TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI/I2S1_SD,
TIM14_CH1,
FMC_SDNWE,
EVENTOUT
ADC12_IN7
24
33
J7
J4
44
PC4
I/O FT
-
I2S1_MCK, SPDIFRX_IN2,
FMC_SDNE0, EVENTOUT
ADC12_IN14
25
34
-
K4
45
PC5
I/O FT
-
USART3_RX,
SPDIFRX_IN3,
FMC_SDCKE0,
EVENTOUT
ADC12_IN15
Table 10. STM32F446xx pin and ball descriptions (continued)
Pin Number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More