データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP3NK50Z データシート(PDF) 11 Page - STMicroelectronics

部品番号 STP3NK50Z
部品情報  Gate charge minimized
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK50Z データシート(HTML) 11 Page - STMicroelectronics

Back Button STP3NK50Z Datasheet HTML 6Page - STMicroelectronics STP3NK50Z Datasheet HTML 7Page - STMicroelectronics STP3NK50Z Datasheet HTML 8Page - STMicroelectronics STP3NK50Z Datasheet HTML 9Page - STMicroelectronics STP3NK50Z Datasheet HTML 10Page - STMicroelectronics STP3NK50Z Datasheet HTML 11Page - STMicroelectronics STP3NK50Z Datasheet HTML 12Page - STMicroelectronics STP3NK50Z Datasheet HTML 13Page - STMicroelectronics STP3NK50Z Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DocID025103 Rev 1
11/14
STP3NK50Z
Package mechanical data
14
Table 9. TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.40
4.60
b0.61
0.88
b1
1.14
1.70
c0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e2.40
2.70
e1
4.95
5.15
F1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
P3.75
3.85
Q2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14