| データシートサーチシステム |
|
STM32F446RE データシート(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446RE データシート(HTML) 168 Page - STMicroelectronics |
|
168 / 201 page ![]() Electrical characteristics STM32F446xC/E 168/201 DocID027107 Rev 5 SDRAM waveforms and timings Figure 62. SDRAM read access waveforms (CL = 1) Table 99. Switching characteristics for NAND Flash write cycles(1) 1. CL = 30 pF. Symbol Parameter Min Max Unit tw(NWE) FMC_NWE low width 4THCLK - 2 4THCLK ns tv(NWE-D) FMC_NWE low to FMC_D[15-0] valid 0 - ns th(NWE-D) FMC_NWE high to FMC_D[15-0] invalid 3THCLK – 1 - ns td(D-NWE) FMC_D[15-0] valid before FMC_NWE high 5THCLK – 3 - ns td(ALE-NWE) FMC_ALE valid before FMC_NWE low - 3THCLK - 0.5 ns th(NWE-ALE) FMC_NWE high to FMC_ALE invalid 3THCLK – 2 - ns |