データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F446VC データシート(PDF) 86 Page - STMicroelectronics

部品番号 STM32F446VC
部品情報  8- to 14-bit parallel camera interface up to 54 Mbytes
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F446VC データシート(HTML) 86 Page - STMicroelectronics

Back Button STM32F446VC Datasheet HTML 82Page - STMicroelectronics STM32F446VC Datasheet HTML 83Page - STMicroelectronics STM32F446VC Datasheet HTML 84Page - STMicroelectronics STM32F446VC Datasheet HTML 85Page - STMicroelectronics STM32F446VC Datasheet HTML 86Page - STMicroelectronics STM32F446VC Datasheet HTML 87Page - STMicroelectronics STM32F446VC Datasheet HTML 88Page - STMicroelectronics STM32F446VC Datasheet HTML 89Page - STMicroelectronics STM32F446VC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 201 page
background image
Electrical characteristics
STM32F446xC/E
86/201
DocID027107 Rev 5
Table 26. Typical and maximum current consumption in Sleep mode(1)
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max
Unit
TA = 25
°C
TA = 25
°C
TA = 25
°C
IDD
Supply
current in
Sleep
mode
all
peripherals
enabled
External
clock,
PLL ON,
Flash on
180
51.2
59.00
77.25
102.00
mA
168(2)
46.8
53.94
66.48
79.40
150
42.2
49.26
60.84
73.41
144(2)
38.6
45.37
55.47
66.96
120
29.3
35.70
42.49
51.46
90
22.8
29.17
34.78
43.12
60
16.3
22.41
27.12
34.83
30
10.1
16.03
19.72
26.86
25
9.0
14.92
18.41
25.38
HSI, PLL
off, Flash
on
16
6.5
13.10
15.1
22.3
8
5.2
12.31
13.5
20.4
4
4.5
11.63
12.5
19.3
2
4.1
11.23
12.0
18.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More