データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

100N8FB データシート(PDF) 13 Page - STMicroelectronics

部品番号 100N8FB
部品情報  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100N8FB データシート(HTML) 13 Page - STMicroelectronics

Back Button 100N8FB Datasheet HTML 7Page - STMicroelectronics 100N8FB Datasheet HTML 8Page - STMicroelectronics 100N8FB Datasheet HTML 9Page - STMicroelectronics 100N8FB Datasheet HTML 10Page - STMicroelectronics 100N8FB Datasheet HTML 11Page - STMicroelectronics 100N8FB Datasheet HTML 12Page - STMicroelectronics 100N8FB Datasheet HTML 13Page - STMicroelectronics 100N8FB Datasheet HTML 14Page - STMicroelectronics 100N8FB Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STP100N8F6
Package information
DocID026838 Rev 3
13/15
Table 9: TO-220 type H package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.45
4.50
A1
1.22
1.32
A2
2.49
2.59
2.69
A3
1.17
1.27
1.37
b
0.78
0.87
b2
1.25
1.34
b4
1.20
1.29
b6
1.50
b7
1.45
c
0.49
0.56
D
15.40
15.50
15.60
D1
9.05
9.15
9.25
E
10.08
10.18
10.28
e
2.44
2.54
2.64
e1
4.98
5.08
5.18
H1
6.25
6.35
6.45
L
13.20
13.40
13.60
L1
3.50
3.70
3.90
L2
16.30
16.40
16.50
L3
28.70
28.90
29.10
∅ P
3.75
3.80
3.85
Q
2.70
2.80
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15