| データシートサーチシステム |
|
STM32F479NG データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479NG データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 208 page ![]() Port E PE0 - - TIM4_ETR - - - - - UART8_ Rx - - - FMC_NBL0 DCMI_D2 - EVENT OUT PE1 - - -- - - -- UART8_ Tx -- - FMC_NBL1 DCMI_D3 - EVENT OUT PE2 TRACEC LK -- - - SPI4_SCK SAI1_MCL K_A -- QUADSPI_ BK1_IO2 - ETH_MII_TXD 3 FMC_A23 -- EVENT OUT PE3 TRACED 0 -- - - - SAI1_SD_ B -- - - - FMC_A19 -- EVENT OUT PE4 TRACED 1 -- - - SPI4_NSS SAI1_FS_ A -- - - - FMC_A20 DCMI_D4 LCD_B0 EVENT OUT PE5 TRACED 2 -- TIM9_CH1 - SPI4_MISO SAI1_SCK _A -- - - - FMC_A21 DCMI_D6 LCD_G0 EVENT OUT PE6 TRACED 3 -- TIM9_CH2 - SPI4_MOSI SAI1_SD_ A -- - - - FMC_A22 DCMI_D7 LCD_G1 EVENT OUT PE7 - TIM1_ETR -- - - -- UART7_ Rx - QUADSPI _BK2_IO0 - FMC_D4 -- EVENT OUT PE8 - TIM1_CH1N -- - - -- UART7_ Tx - QUADSPI _BK2_IO1 - FMC_D5 -- EVENT OUT PE9 - TIM1_CH1 -- - - -- - - QUADSPI _BK2_IO2 - FMC_D6 -- EVENT OUT PE10 - TIM1_CH2N -- - - -- - - QUADSPI _BK2_IO3 - FMC_D7 -- EVENT OUT PE11 - TIM1_CH2 -- - SPI4_NSS -- - - - - FMC_D8 - LCD_G3 EVENT OUT PE12 - TIM1_CH3N -- - SPI4_SCK -- - - - - FMC_D9 - LCD_B4 EVENT OUT PE13 - TIM1_CH3 -- - SPI4_MISO -- - - - - FMC_D10 - LCD_DE EVENT OUT PE14 - TIM1_CH4 -- - SPI4_MOSI -- - - - - FMC_D11 - LCD_CLK EVENT OUT PE15 - TIM1_BKIN -- - - -- - - - - FMC_D12 - LCD_R7 EVENT ‘OUT Table 12. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/ 5 TIM8/9/ 10/11 I2C1/2/3 SPI1/2/3 /4/5/6 SPI2/3/ SAI1 SPI2/3/ USART 1/2/3 USAR T6/UA RT4/5 /7/8 CAN1/2/ TIM12/1 3/14/QU ADSPI/L CD QUAD SPI/OT G2_HS /OTG1 _FS ETH FMC/SD IO/OTG2 _FS DCMI/ DSI HOST LCD SYS |