| データシートサーチシステム |
|
PEF2015 データシート(PDF) 51 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEF2015 データシート(HTML) 51 Page - Infineon Technologies AG |
|
51 / 84 page ![]() PEF 2015 Registers Summary Semiconductor Group 51 12.97 Upstream: c) µP-access Applications Setting CMC = 1001, initializes the corresponding CFI time slot to be accessed by the µP. Concurrently, the datum in MADR is written (as 8-bit CFI-idle code) to the CM-data field. The content of the CM-data field is directly exchanged with the corresponding time slot. Note that once the CM-code field has been initialized, the CM-data field can be written and read as described in subsection 3. 5. Control-reading the upstream or downstream CM-code. The CM-code can then be read out of the 4 LSBs of the MADR-register. Application Even CM Address Odd CM Address Decentral D-channel handling CMC = 1000 CMC = 0000 Central D-channel handling CMC = 1000 CMC = PCM-code for a 2-bit subtime slot 6-bit Signaling (e.g. analog IOM) CMC = 1010 CMC = 1010 8-bit Signaling (e.g. SLD) CMC = 1011 CMC = 1011 MACR: 0 1 1 110 01 MACR: 1 1 1 100 00 |