| データシートサーチシステム |
|
TD35 データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TD35 データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 19 page ![]() TD351 Absolute maximum ratings Doc ID 10977 Rev 2 5/19 3 Absolute maximum ratings Table 3. Absolute maximum ratings Symbol Parameter Value Unit VHL Maximum supply voltage (VH - VL) 28 V Vout Voltage on OUT, CLAMP, LVOFF pins VL-0.3 to VH+0.3 V Vother Voltage on other pins (IN, CD, VREF) -0.3 to 7 V Pd Power dissipation 500 mW Tstg Storage temperature -55 to 150 °C Tj Maximum junction temperature 150 °C RthJA Thermal resistance junction-ambient 150 °C/W ESD Electrostatic discharge (HBM) 2 kV Table 4. Operating conditions Symbol Parameter Value Unit VH Positive supply voltage vs. VL UVLO to 26 V Toper Operating free air temperature range -40 to 125 °C |