データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSX339 データシート(PDF) 4 Page - STMicroelectronics

部品番号 TSX339
部品情報  Micropower dual CMOS voltage comparators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX339 データシート(HTML) 4 Page - STMicroelectronics

  TSX339 Datasheet HTML 1Page - STMicroelectronics TSX339 Datasheet HTML 2Page - STMicroelectronics TSX339 Datasheet HTML 3Page - STMicroelectronics TSX339 Datasheet HTML 4Page - STMicroelectronics TSX339 Datasheet HTML 5Page - STMicroelectronics TSX339 Datasheet HTML 6Page - STMicroelectronics TSX339 Datasheet HTML 7Page - STMicroelectronics TSX339 Datasheet HTML 8Page - STMicroelectronics TSX339 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Package pin connections
TSX339
4/22
DocID028644 Rev 1
2
Package pin connections
Figure 2: Pin connections (top view)
1. NC = not connected
2. The exposed pad of the QFN16 3x3 can be connected to VCC- or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22