| データシートサーチシステム |
|
VD5377CB データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CB データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 88 page ![]() System overview VD5377 18/88 Doc ID 022952 Rev 2 4.1 MANUAL power management Manual power mode is the basic mode of the VD5377. After initialization, the sensor remains in MANUAL RUN mode even when no motion activity is detected. The host can use the external POWERDOWN or STANDBY signals to achieve lower current consumption. • STANDBY pin(a) (active high): if set, the system goes into low power STANDBY mode at the end of the current frame. Typical power consumption in STANDBY mode is shown in Table 8 on page 19. The internal clock and motion engine are switched off and so the VD5377 does not respond to any I2C communication and no motion activity is detected. All register settings are maintained in this state, so when STANDBY is de- asserted the system immediately resumes in RUN mode. • POWERDOWN pin: if set, this signal immediately disables the internal 1.8 V core regulator. After power down, the system needs to be re-initialized. Power consumption is typically <1 µA in this state. Figure 7. Manual power mode flow diagram a. During initialization, the user must set the use_standby_pin register bit (system_config 0x05 bit 4) to 1 to enable the STANDBY pin function otherwise it is ignored. MCU BOOT SW STBY MANUAL RUN MODE AUTOMATIC host_config_done = 1 automatic = 0 host_config_done = 1 automatic = 1 POWERDOWN STANDBY MANUAL POWER MODE STANDBY=1 STANDBY=0 POWERDOWN=1 POWERDOWN=0 POWERDOWN=1 POWER UP |