| データシートサーチシステム |
|
VD5377CBUW データシート(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CBUW データシート(HTML) 23 Page - STMicroelectronics |
|
23 / 88 page ![]() Doc ID 022952 Rev 2 23/88 VD5377 System overview Figure 10. Automatic power mode timing diagram (use_standby_pin=1) Key timing parameters are shown in Table 11. VTop DVDD/AVDD POR Osc 48 MHz POWERDOWN (I) System States Power Up SW STDBY AUTO SLEEP1 POWERDOWN Power Up STANDBY (I) MOTION (O) I2C (I/O) MCU BOOT RUNNING state state host_config_done Power Up MCU BOOT Device Ready Osc 50 kHz RunningTimeout Sleep1Latency 1 frame wake-up duration motion read motion detected through I2C with STANDBY as Chip Select t1 t3 t2 t4 Table 11. Automatic mode timing constraints Symbol Parameter Typical t1 POR Delay (POR threshold = 1.4 V typ) 20 µs t2 Clock Startup 1 µs t3 MCU boot time 450 µs t4 Minimum Powerdown time 10 ms |