データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VIPER06XN データシート(PDF) 13 Page - STMicroelectronics

部品番号 VIPER06XN
部品情報  Fixed-frequency VIPer plus family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER06XN データシート(HTML) 13 Page - STMicroelectronics

Back Button VIPER06XN Datasheet HTML 9Page - STMicroelectronics VIPER06XN Datasheet HTML 10Page - STMicroelectronics VIPER06XN Datasheet HTML 11Page - STMicroelectronics VIPER06XN Datasheet HTML 12Page - STMicroelectronics VIPER06XN Datasheet HTML 13Page - STMicroelectronics VIPER06XN Datasheet HTML 14Page - STMicroelectronics VIPER06XN Datasheet HTML 15Page - STMicroelectronics VIPER06XN Datasheet HTML 16Page - STMicroelectronics VIPER06XN Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
VIPER06
Typical circuit
Doc ID 022794 Rev 1
13/28
6
Typical circuit
Figure 17.
Flyback converter (non-isolated output)
Figure 18.
Flyback converter (isolated output)
AM01197v1
VOUT
4
12
10
66
+
Cout
+
C2
Rcomp1
Ccl
CONTROL
FB
DRAIN
GND
VDD
COMP
LIM
VIPer16
AC IN
Rcl
D1
Rfb2
AC IN
Ccomp1
RLIM
Dout
Rfb1
Rin
Daux
-+
Din
4
2
(optional)
+
C3
C1
L1
Ccomp2
AM01195v1
-
AC IN
AC IN
VOUT
L1
L1
C5
C5
C3
C3
C4
C4
+
C7
+
C7
R3
R3
R5
R5
D3
D3
CONTROL
FB
DRAIN
GND
VDD
COMP
LIM
VIPER06
CONTROL
FB
DRAIN
GND
VDD
COMP
LIM
VIPER06
+
C2
+
C2
C8
C8
R4
R4
D1
D1
+
C1
+
C1
R1
R1
R6
R6
T2
T2
C6
C6
IC2
IC2
IC3
IC3
D2
D2
R2
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28