| データシートサーチシステム |
|
VD5377CBSW データシート(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CBSW データシート(HTML) 85 Page - STMicroelectronics |
|
85 / 88 page ![]() Doc ID 022952 Rev 2 85/88 VD5377 Acronyms and abbreviations 13 Acronyms and abbreviations Table 39. Acronyms and abbreviations Acronym/abbreviation Definition ABS Absolute (value) ACC Accumulator ACK Acknowledge AEC Automatic exposure control AMF Auto-movement filter OFN Optical finger navigation CDS Correlated double sampling CPI Counts per inch CPU Central processing unit DAC Digital-to-analog converter DMIB Digital mouse imaging block DPI Dots per inch DSL Direct sunlight f/s Frames per second GPIO General purpose input/output IC Integrated circuit I2C Inter integrated circuit LED Light emitting diode M Magnification MCU Micro controller unit MEP Maximum exposed pixel MSB Most significant bit NACK Negative acknowledge OSC Oscillator POR Power-on reset PWM Pulse width modulation RI Relative illumination ROM Read only memory SAD Sum of absolute differences SCL I2C serial clock SDA I2C serial data |