| データシートサーチシステム |
|
VD5377CBGP データシート(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377CBGP データシート(HTML) 74 Page - STMicroelectronics |
|
74 / 88 page ![]() I2C register map VD5377 74/88 Doc ID 022952 Rev 2 1c FRAME_RATE_ CONTROL frame_rate_sel 2:0 PRW 02 Frame rate selection (value for internal osc running @48MHz) 0 = 0.5 kf/s (2 ms period) 1 = 1 kf/s (1 ms period) 2 = 2 kf/s (500 us period) 3 = 2.5 kf/s (400 us period) 4 = 2.9 kf/s (350 us period) 5 = 3.3 kf/s (300 us period) 6 = 3.6 kf/s (275 us period) 7 = 4 kf/s (250 us period) frame_rate_ctrl 4 RW 00 Frame rate management control 0 = Automatic (1k/2 k/Max f/s auto frame rate) 1 = Manual (set with frame_rate_sel reg) max_auto_frame_ rate 7:5 RW 05 Maximum frame rate to be applied in auto frame rate mode 0 = not allowed 1 = not allowed 2 = 2 kf/s (500 us period) 3 = 2.5 kf/s (400 us period) 4 = 2.9 kf/s (350 us period) 5 = 3.3 kf/s (300 us period) 6 = 3.6 kf/s (275 us period) 7 = 4 kf/s (250 us period) 21 X_MOTION x_motion 7:0 PR 00 X motion data since last polling was done. Note that the internal accumulator is reduced from this value every time it is read. 22 Y_MOTION y_motion 7:0 PR 00 Y motion data since last polling was done. Note that the internal accumulator is reduced from this value every time it is read. Table 38. I2C register map (continued) Addr (Hex) Register name SIgnal name Bit Type Default (Hex) Comment |