データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCE0260P データシート(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

部品番号 NCE0260P
部品情報  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
ホームページ  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE0260P データシート(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE0260P Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0260P Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0260P Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0260P Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0260P Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0260P Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE0260P Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NCE0260P
Pb Free Product
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE0260P uses advanced trench technology and design
to provide excellent RDS(ON) with low gate charge. It can be
used in a wide variety of applications.
General Features
●
VDS =200V,ID =60A
RDS(ON) <32mΩ @ VGS=10V
●
High density cell design for ultra low Rdson
●
Fully characterized avalanche voltage and current
●
Good stability and uniformity with high EAS
●
Excellent package for good heat dissipation
●
Special process technology for high ESD capability
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
Uninterruptible power supply
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
TO-3P top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE0260P
NCE0260P
TO-3P
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
60
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
42
A
Pulsed Drain Current
IDM
280
A
Maximum Power Dissipation
PD
300
W
Derating factor
2.0
W/℃
Single pulse avalanche energy
(Note 5)
EAS
506
mJ
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃


同様の部品番号 - NCE0260P

メーカー部品番号データシート部品情報
logo
Wuxi NCE Power Semicond...
NCE0260 NCEPOWER-NCE0260 Datasheet
363Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0260T NCEPOWER-NCE0260T Datasheet
318Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
v1.0
More results

同様の説明 - NCE0260P

メーカー部品番号データシート部品情報
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com