| データシートサーチシステム |
|
VPS2535H データシート(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VPS2535H データシート(HTML) 5 Page - STMicroelectronics |
|
5 / 30 page ![]() DocID028862 Rev 1 5/30 VPS2535H Block diagram and pin description 29 1 Block diagram and pin description Figure 1. Block diagram Table 1. Pin function Name Function VCC Bus voltage connection OUT1,2 Power outputs GND Ground connection IN1,2 Voltage controlled input pins with hysteresis, CMOS compatible. They Control output switch state CS1,2 Analog current sense pins, they deliver a current proportional to the load current FR_Stby In case of latch-off for overtemperature/overcurrent condition, a low pulse on the FR_Stby pin is needed to reset the channel. The device enters in standby mode if all inputs and the FR_Stby pin are low. Control & Diagnostic 2 VCC CH1 LOGIC DRIVER Current Limitation Power Clamp Over Temperature Undervoltage CH2 OVERLOAD PROTECTION (ACTIVE POWER LIMITATION) IN1 IN2 CS1 CS2 FR_Stby GND OUT2 OUT1 Signal Clamp GAPGCFT00643 Current Sense VSENSEH Control & Diagnostic 1 OFF-state Open-load VON Limitation |