| データシートサーチシステム |
|
74F257ASC データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F257ASC データシート(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 257A S C X Temperature Range Family Special Variations 74F e Commercial X e Devices shipped in 13 reels 54F e Military QB e Military grade with environmental and burn-in Device Type processing shipped in tubes Package Code Temperature Range P e Plastic DIP C e Commercial (0 Cto a70 C) D e Ceramic DIP M e Military (b55 Cto a125 C) F e Flatpak L e Leadless Ceramic Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ Physical Dimensions inches (millimeters) 20-Lead Ceramic Leadless Chip Carrier (L) NS Package Number E20A 5 |