| データシートサーチシステム |
|
JH23320240BCNUMNFZCWC データシート(PDF) 3 Page - Jewel Hill Electronic |
|
|
|||||||||||||||||||||||||||||
JH23320240BCNUMNFZCWC データシート(HTML) 3 Page - Jewel Hill Electronic |
|
3 / 23 page ![]() JH23320240C VER: 1.0 - 2 - Issue date: 2013/08/15 JEWEL HILL ELECTRONIC CO.,LTD. LCM Number System LCD DISPLAY MODE: N: NEGATIVE; O:OTHER; JEWEL HILL ELECTRONIC CO.,LTD. WITH TP: N: WITHOUT TOUCH PANEL; Y:WITH TOHCH PANEL VIEWING DIRECTION: U: UPPER(12:00);D:DOWN(6:00); L: LEFT(9:00); R:RIGHT(3:00);S;SUPER VIEW;F:FULL VIEW C:CCFL; E:EL; L:LED; F:FPC O:OTHER; H:HEATSEAL; Z:ZEBRA; W: WIDE TEMPERATURE; O:SUPER WIDE TEMPERATURE N: NORMAL TEMPERATURE; M:MIDDLE TEMPERATURE; TEMPERATURE RANGE: T:TRANSMISSIVE; F:TRANSFLECTIVE: O: OTHER CHARACTER MODULEs: CONNECTOR: LCM SIZE;18:1.8";20:2.0"; 22:2.2"....... GRAPHIC MODULEs:NUMBER OF COMMONS AND SEGMENTs SERIAL NUMBER:C: CSTN POLARIZER TYPE: BACKLIGHT MODE: VERSION NUMBER: V00~V99 JH 23 320240 B T Y U W N T F L W N -V00- SC T: TFT BACKLIGHT COLOR: W:WHITE; O:OTHER; N:WITHOUT CONTROLLER; C:WITH CONTROLLER; IC CONTROLLER: SERIAL NUMBERA--Z. SPECIAL CODE: P: PIN;C:CONNECT;O: OTHER;........ |