データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JH35320480BCNRWNFZCWC データシート(PDF) 19 Page - Jewel Hill Electronic

部品番号 JH35320480BCNRWNFZCWC
部品情報  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JHE [Jewel Hill Electronic]
ホームページ  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480BCNRWNFZCWC データシート(HTML) 19 Page - Jewel Hill Electronic

Back Button JH35320480BCNRWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 19Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 20Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 21Page - Jewel Hill Electronic JH35320480BCNRWNFZCWC Datasheet HTML 22Page - Jewel Hill Electronic  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
JH35320480B
VER: 0.1
- 18 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
(9) Do not attempt to disassemble or process the LCD module.
(10) NC terminal should be open. Do not connect anything.
(11) If the logic circuit power is off, do not apply the input signals.
(12) Since LCM has been assembled and adjusted with a high degree of precision, avoid
applying excessive shocks to the module or making any alterations or modifications
to it.
- Do not alter, modify or change the shape of the tab on the metal frame.
- Do not make extra holes on the printed circuit board, modify its shape or change
the positions of components to be attached.
- Do not damage or modify the pattern writing on the printed circuit board.
- Absolutely do not modify the zebra rubber strip (conductive rubber) or heat seal
connector.
- Except for soldering the interface, do not make any alterations or modifications with
a soldering iron.
- Do not drop, bend or twist LCM.
Storage Precautions
When storing the LCD modules, the following precaution is necessary.
(1) Store them in a sealed polyethylene bag. If properly sealed, there is no need for the
dessicant.
(2) Store them in a dark place. Do not expose to sunlight or fluorescent light, keep the
temperature between 0°C and 35°C.
(3) The polarizer surface should not come in contact with any other objects. (We advise
you to store them in the container in which they were shipped).
Others
Liquid crystals solidify under low temperature (below the storage temperature range)
leading to defective orientation or the generation of air bubbles (black or white). Air
bubbles may also be generated if the module is subject to a low temperature.
If the LCD modules have been operating for a long time showing the same display
patterns, the display patterns may remain on the screen as ghost images and a slight
contrast irregularity may also appear. A normal operating status can be regained by
suspending use for some time. It should be noted that this phenomenon does not
adversely affect performance reliability.
To minimize the performance degradation of the LCD modules resulting from destruction
caused by static electricity etc., exercise care to avoid holding the following sections when
handling the modules.
- Exposed area of the printed circuit board.
-Terminal electrode sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22