データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JH35320480CCNRNNFZCWC データシート(PDF) 15 Page - Jewel Hill Electronic

部品番号 JH35320480CCNRNNFZCWC
部品情報  SPECIFICATIONS FOR LCD MODULE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JHE [Jewel Hill Electronic]
ホームページ  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH35320480CCNRNNFZCWC データシート(HTML) 15 Page - Jewel Hill Electronic

Back Button JH35320480CCNRNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic JH35320480CCNRNNFZCWC Datasheet HTML 19Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
JH35320480C
VER: 1.0
- 14 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
Unless otherwise agreed upon in writing, the sampling inspection shall be applied to the
Customer’s incoming inspection.
1) Lot size: Quantity per shipment lot
2) Sampling type: Normal inspection , single sampling
3) Inspection level: Ⅱ
4) Sampling table: MIL-STD-105D
5) Acceptable Quality Level(AQL): Major=0.65 Minor=1.5
11.2. Inspection Method
1) Ambient Condition:
a. Temperature: Room temperature 25±5℃
b. Illumination: Single fluorescent lamp non-directive(300 to 700 Lux)
2) Viewing distance
The distance between the LCD and the inspector’s eyes shall be at least 30-50cm.
3) Viewing Angle
The inspection shall be conducted within normal viewing angle range.
11.3. Inspection Criteria
11.3.1. Major defect
No.
Item
Inspection Standard
Classification
of defects
1
All
functional
defects
1) No display
2) Display abnormally
3) Open or missing segment
4) Short circuit
5) Excess power consumption
6) Backlight no lighting, flickering and abnormal lighting
Major
2
Missing
Missing component
Major
3
Outline
dimension
Overall outline dimension beyond the drawing is not
allowed
Major
11.3.2. Cosmetic Defect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24