| データシートサーチシステム |
|
JH47480272ACNRNNFZCWC データシート(PDF) 28 Page - Jewel Hill Electronic |
|
|
|||||||||||||||||||||||||||||
JH47480272ACNRNNFZCWC データシート(HTML) 28 Page - Jewel Hill Electronic |
|
28 / 30 page ![]() JH47480272A VER: 0.1 - 27 - Issue date: 2013/08/01 JEWEL HILL ELECTRONIC CO.,LTD. Others. Liquid crystals solidify under low temperature (below the storage temperature range) leading to defective orientation or the generation of air bubbles (black or white). Air bubbles may also be generated if the module is subject to a low temperature. If the LCD modules have been operating for a long time showing the same display patterns, the display patterns may remain on the screen as ghost images and a slight contrast irregularity may also appear. A normal operating status can be regained by suspending use for some time. It should be noted that this phenomenon does not adversely affect performance reliability. To minimize the performance degradation of the LCD modules resulting from destruction caused by static electricity etc., exercise care to avoid holding the following sections when handling the modules. - Exposed area of the printed circuit board. -Terminal electrode sections. |