| データシートサーチシステム |
|
74F398SC データシート(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F398SC データシート(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 10 page ![]() Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 398399 S C X Temperature Range Family Special Variations 74F e Commercial QB e Military grade device with 54F e Military environmental and burn-in processing Device Type X e Devices shipped in 13 reel Package Code Temperature Range P e Plastic DIP C e Commercial (0 Cto a70 C) D e Ceramic DIP M e Military (b55 Cto a125 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline SOIC JEDEC SJ e Small Outline SOIC EIAJ (74F399 only) 6 |