| データシートサーチシステム |
|
74F402 データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F402 データシート(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 12 page ![]() AC Electrical Characteristics 74F 54F 74F TA ea25 C TA VCC e Mil TA VCC e Com Symbol Parameter VCC ea50V CL e 50 pF CL e 50 pF Units CL e 50 pF Min Typ Max Min Max Min Max fmax Maximum Clock Frequency 30 45 30 30 MHz tPLH Propagation Delay 85 150 190 75 265 75 210 ns tPHL CP to DCW 105 180 230 95 265 95 250 tPLH Propagation Delay 80 135 170 70 260 70 190 ns tPHL CP to RO 80 140 180 70 225 70 200 tPLH Propagation Delay 155 260 330 140 385 140 350 ns tPHL CP to ER 85 145 185 75 235 75 205 tPLH Propagation Delay 110 185 235 100 310 100 255 ns tPHL P to DCW 115 195 245 105 320 105 265 tPLH Propagation Delay 95 160 205 85 315 85 225 ns P to RO tPLH Propagation Delay 100 170 215 90 260 90 235 ns P to ER tPLH Propagation Delay 105 180 230 95 290 95 255 ns tPHL MR to DCW 110 190 240 100 285 100 260 tPHL Propagation Delay 90 155 195 80 235 80 215 ns MR to RO tPLH Propagation Delay 165 280 355 145 390 145 375 ns MR to ER tPLH Propagation Delay 60 105 135 50 195 50 150 ns tPHL D to DCW 75 120 160 65 200 65 180 tPLH Propagation Delay 65 110 140 55 215 55 155 ns tPHL CWG to DCW 70 120 155 60 215 60 175 tPLH Propagation Delay 115 195 245 90 290 105 265 ns tPHL Sn to DCW 95 160 200 85 250 85 220 7 |