| データシートサーチシステム |
|
EX77424-R41W データシート(PDF) 2 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
EX77424-R41W データシート(HTML) 2 Page - Axiomtek Co., Ltd. |
|
2 / 6 page ![]() EX77000 Series www.EtherWAN.com 2 rev. A4 Software Features Management • Interface ◦ CLI, Telnet and Web Browser ◦ SNMP v1/v2c/v3 • Firmware and configuration upgrade and backup via TFTP • Supports DHCP Server/Client • RMON (Remote monitoring) • Port mirroring: TX/RX and both • NTP (Network Time Protocol) time synchronization • IEEE802.1ab LLDP (Link Layer Discovery Protocol) Security • MAC address filtering • Enable/disable port • Storm control (broadcast and multicast types) • IEEE802.1x LAN access control • Remote authentication through RADIUS • SSH for CLI and Telnet security • SSL for web security • Multi-level user account/password against unauthorized configuration • System log (remote/local) • ACL QualityofService(QoS) • Priority Queues: 4 queues per port • Traffic classification based on IEEE802.1p CoS, DSCP, WRR (Weighted round robin) and strict mode • Rate Limiting (Ingress/Egress) Layer2Features • Auto-negotiation for port speed and duplex mode • Flow Control ◦ IEEE802.3x full duplex mode ◦ Back-Pressure half duplex mode • Redundant Protocol ◦ IEEE802.1D Spanning Tree Protocol (STP) ◦ IEEE802.1w Rapid Spanning Tree Protocol (RSTP) ◦ IEEE802.1s Multiple Spanning Tree Protocol (MSTP) ◦ EtherWAN’s Alpha-Ring with network fault recovery ( <15ms) • VLANs ◦ Port-based VLANs ◦ IEEE802.1Q Tag VLANs (128 groups, 4096 VID) ◦ GVRP (GARP VLAN Registration Protocol) ◦ GMRP (GARP Multicast Registration Protocol) • Link Aggregation ◦ Static Trunk (8 groups, support MAC base) ◦ IEEE802.3ad Link Aggregation Control Protocol • IGMP Snooping ◦ IGMP snooping v1/v2/v3 Performance • Switching Capability: 12.8Gbps • Packet Buffer Size: 3M bit • MAC Address Table: 8192 |