| データシートサーチシステム |
|
SX8661Z データシート(PDF) 65 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8661Z データシート(HTML) 65 Page - Semtech Corporation |
|
65 / 87 page ![]() ADVANCED COMMUNICATIONS & SENSING DATASHEET Revision v4.0, February 2016 © 2012 Semtech Corp. www.semtech.com 65 SX8661Z Low Power, Capacitive Button Touch and Proximity Controller (8 sensors) with LED Drivers and Analog Output Table 25 resumes the applicable SPM and I2C parameters for each GPIO mode. GPP GPO SPO SPM GpioMode X X X 5 GpioOutPwrUp X 1 X 2,3 GpioAutolight X GpioPolarity X X GpioIntensityOn X 1 X GpioIntensityOff X 1 X GpioFunction X X GpioIncFactor X GpioDecFactor X GpioIncTime X GpioDecTime X GpioOffDelay X GpioPullUpDown I2C IrqSrc[4] GpoCtrl X 4 GppPinId X GppIntensity X 1 1 At power up, GppIntensity of each GPP pin is initialized with GpioIntensityOn or GpioIntensityOff depending on GpioOutPwrUp corresponding bits value. 2 Only if Autolight is OFF, else must be left to 0 (default value) 3 GpioOutPwrUp must be set to OFF in Continuous Fading Mode (with Autolight OFF) 4 Only if Autolight is OFF, else ignored 5 In SPO mode assure the following settings: GpioOutPwrUp=OFF, GpioAutoLight=ON, GpioPolarity=Normal, GpioFunction=Linear Table 25 Applicable SPM/I2C Parameters vs. GPIO Mode |