データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS33000-M008QFNR データシート(PDF) 16 Page - Semtech Corporation

部品番号 TS33000-M008QFNR
部品情報  High Efficiency Synchronous DC/DC Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS33000-M008QFNR データシート(HTML) 16 Page - Semtech Corporation

Back Button TS33000-M008QFNR Datasheet HTML 9Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 10Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 11Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 12Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 13Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 14Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 15Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 16Page - Semtech Corporation TS33000-M008QFNR Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TS33000
Final Datasheet
Rev 1.9
May 1, 2015
www.semtech.com
16 of 17
Semtech
Ordering Information
Part Number
Description
TS33000-M008QFNR
2.25MHz Sync Buck, 600mA - 0.8V
TS33000-M012QFNR
2.25MHz Sync Buck, 600mA - 1.2V
TS33000-M015QFNR
2.25MHz Sync Buck, 600mA - 1.5V
TS33000-M018QFNR
2.25MHz Sync Buck, 600mA - 1.8V
TS33000-M025QFNR
2.25MHz Sync Buck, 600mA - 2.5V
TS33000-M033QFNR
2.25MHz Sync Buck, 600mA - 3.3V
RoHS and Reach Compliance
Triune Systems is fully committed to environmental quality.
All Triune Systems materials and suppliers are fully compliant
with RoHS (European Union Directive 2011/65/EU), REACH
SVHC Chemical Restrictions (EC 1907/2006), IPC-1752 Level
3 materials declarations, and their subsequent amendments.
Triune Systems maintains certified laboratory reports for
all product materials, from all suppliers, which show full
compliance to restrictions on the following:
Cadmium (Cd)
Chlorofluorocarbons (CFCs)
Chlorinate Hydrocarbons (CHCs)
Halons (Halogen free)
Hexavalent Chromium (CrVI)
Hydrobromofluorocarbons (HBFCs)
Hydrochlorofluorocarbons (HCFCs)
Lead (Pb)
Mercury (Hg)
Perfluorocarbons (PFCs)
Polybrominated biphenyls (PBB)
Polybrominated Diphenyl Ethers (PBDEs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com