| データシートサーチシステム |
|
RHD5905 データシート(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
RHD5905 データシート(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 7 page ![]() 2 SCD5905 Rev A 9/22/12 Aeroflex Plainview Notes: 1. Package and Lid are electrically isolated from signal pads. 2. It is recommended that the Lid be grounded to prevent any ESD or static buildup. 3. EN_AB enables amplifiers A & B. EN_CD enables amplifiers C & D. FIGURE 1: BLOCK DIAGRAM FIGURE 2: PACKAGE PIN-OUT Pin Signal Name Definition 1- OUT_A Negative Output of Amplifier A. 2+ OUT_A Positive Output of Amplifier A. 3 -IN_A Inverting input of Amplifier A. 4 +IN_A Non-Inverting input of Amplifier A. 5 VCC + Voltage Supply. 6 +IN_B Non-Inverting input of Amplifier B. 7 -IN_B Inverting input of Amplifier B. 8+ OUT_B Positive Output of Amplifier B. 9- OUT_B Negative Output of Amplifier B. 10 EN_AB A Logic Low will disable Amplifiers A & B so that the outputs are high impedance. 11 EN_CD A Logic Low will disable Amplifiers C & D so that the outputs are high impedance. 12 - OUT_C Negative Output of Amplifier C. 13 + OUT_C Positive Output of Amplifier C. 14 -IN_C Inverting input of Amplifier C. 15 +IN_C Non-Inverting input of Amplifier C. 16 VEE - Voltage Supply. 17 +IN_D Non-Inverting input of Amplifier D. 18 -IN_D Inverting input of Amplifier D. 19 + OUT_D Positive Output of Amplifier D. 20 - OUT_D Negative Output of Amplifier D. TABLE 1: PIN-OUT DESCRIPTION +OUT_A +OUT_B +OUT_C +OUT_D +IN_A -IN_A +IN_B -IN_B EN_AB +IN_C -IN_C +IN_D -IN_D EN_CD 4 3 6 7 10 15 14 17 18 11 19 13 8 2 A B C D 16 5 VCC VEE -OUT_A -OUT_B -OUT_C -OUT_D 20 12 9 1 20-Pin SOIC +OUT_D -IN_D +IN_D -IN_C -OUT_C EN_CD -IN_A +IN_A VCC +IN_B -IN_B EN_AB RHD5905 VEE +IN_C 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1 2 -OUT_D 20 19 18 17 -OUT_A +OUT_A +OUT_B -OUT_B +OUT_C |