| データシートサーチシステム |
|
TLE4990 データシート(PDF) 7 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4990 データシート(HTML) 7 Page - Infineon Technologies AG |
|
7 / 24 page ![]() TLE4990 Programmable Linear Hall Sensor Functional Description Data Sheet 7 V 2.0, 2004-05 Block Diagram Figure 2 shows a simplified block diagram. Figure 2 Block Diagram Principle of Operation • A magnetic flux is measured by a Hall-Effect cell. • The Temperature compensation modulates the bias current of the hall cell. • The output signal from the Hall-Effect cell is amplified. • A zero field voltage is added. • The output voltage range can be clamped by limiters. • The final output value is amplified and buffered. • The output voltage is proportional to the supply voltage (ratiometric bahaviour). •An OBD (On Board Diagnistics) circuit connects the output to VDD or GND in case of errors. OTPROM/RAM Interface Temperature Linearization Zero magnetic field voltage Clamping Amplifier, Buffer Clock Gain Modulator Chopped Hallprobe Sample & Hold Out + Demodulator |