| データシートサーチシステム |
|
UT699SPA データシート(PDF) 39 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT699SPA データシート(HTML) 39 Page - Aeroflex Circuit Technology |
|
39 / 41 page ![]() 39 UT699 LEON 3FT: SMD Lead Finish: (NOTE 1) (C) = Gold (A) = Solder Case Outline: (X) = 352-Ceramic Quad Flat Package, Top Brazed (Y) = 484-Ceramic Land Grid Array Package (Z) = 484-Ceramic Column Grid Array Package Screening Level: (Q) = QML Class Q (V) = QML Class V Device Type: (01) = UT699 (Temperature range: -40oC to +105oC) Drawing Number: 08228 Total Dose: (R) = 1E5 rad(Si) Federal Stock Class Number: No Options 5962 * 08228 ** * * * Notes: 1. Lead finish is “C” (gold) only for case outlines "X" and "Y". Lead finish is "A" (solder) only for case outline "Z". |