| データシートサーチシステム |
|
UT8SF2M32MCPC データシート(PDF) 9 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT8SF2M32MCPC データシート(HTML) 9 Page - Aeroflex Circuit Technology |
|
9 / 27 page ![]() 9 36-00-01-006 Ver. 1.9.4 Aeroflex Microelectronics Solutions - HiRel Notes: * All chip selects active when L, at least one chip select inactive when H 1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW 2. Write is defined by WE and FLSH_PIPE. 3. When a Write cycle is detected, all I/Os are tri-stated. 4. The DQ pins are controlled by the current cycle and the OE signal. 5. CEN = H inserts wait states. 6. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE. 7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle DQs = tri-state when OE is inactive or when the device is deselected and DQs= data when OE is active. Table 6. 288-Lead Flow-thru Signal Locations Table 5: Truth Table for UT8SF2M32 [1,2,3,4,5,6,7] Operation Address Used CSx* ZZ SHUT DOWN ADV_LD WE FLSH_ PIPE OE CEN CLK DQs Standby Mode None H L L L X X X L L-H 3-State Continue Deselect None X L L H X X X L L-H 3-State Read Cycle (Start Burst) External L L L L H X L L L-H Data Out Read Cycle (Cont. Burst) Next X L L H X X L L L-H Data Out NOP/Dummy Read (Start) External L L L L H X H L L-H 3-State NOP/Dummy Read (Cont.) Next X L L H X X H L L-H 3-State Write Cycle (Start Burst) External L L L L L L X L L-H Data In Write Cycle (Cont. Burst) Next X L L H X L X L L-H Data In Dummy Write (Start) None L L L L L H X L L-H 3-State Dummy Write (Cont. Burst) Next X L L H X H X L L-H 3-State Clock Inhibit (Stall) N/A X L L X X X X H L-H N/A Sleep Mode N/A H H L X X X X X X 3-State Shutdown Mode None X X H X X X X X X 3-State |