| データシートサーチシステム |
|
UT8SP2M48MCPC データシート(PDF) 7 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT8SP2M48MCPC データシート(HTML) 7 Page - Aeroflex Circuit Technology |
|
7 / 23 page ![]() 7 36-00-01-001 Ver. 1.1.0 Aeroflex Microelectronics Solutions - HiRel Changing Clock Frequencies In order to optimize the UT8SP2M48 device operation, users are required to establish the FREQSEL pin state to a logic HIGH for CLK input frequencies > 80MHz and a logic LOW for CLK input frequencies of ≤ 80MHz. The CLK input frequency and FREQSEL pin state are established at power on. Both may only be changed while in SLEEP mode (reference Table 6). External Connections A precision 25kohm < +0.2% low TCR < 25ppm/oC resistor is required to be connected between device pin EXTRES (R15) and VSS. In order to ensure proper operation in conjunction with JTAG boundary scan (reference applications note MEM-AN-005), Aeroflex requires that specific package pins be biased through soft connections to either VDD, VDDQ or VSS. Table 5 is a list of these required external biases. Notes: 1. NUIL = Not Used Input Low 2. NUIH = Not Used Input High 3. Aeroflex recommends connecting all DQ[47:0] to either VDDQ or VSSQ through >10kΩ resistors. Notes: * All chip selects active when L, at least one chip select inactive when H 1. X = “Don't Care”, H = Logic HIGH, L = Logic LOW. 2. Write is defined by WE and BWEx 3. When a Write cycle is detected, all I/Os are tri-stated. 4. The DQ pins are controlled by the current cycle and the OE signal. 5. CEN = H inserts wait states. 6. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE. 7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a Read cycle DQs = tri-state when OEis inactive or when the device is deselected and DQs= data when OE is active. Table 5. External Bias Conditions Signal Name Package Pin Bias Condition NUIL1 H1, H20, N1, N2, N19, N20, P13, R8, R10, R12, R16 >10kΩ to VSSQ NUIH2 P16, R7, R13 >10kΩ to VDDQ TDO R5 >10kΩ to VDDQ TCK R9 >10kΩ to VSSQ DQ[47:0]3 ref Table 7 >10kΩ to VDDQ or VSSQ Table 6: Truth Table for UT8SP2M48 [1,2,3,4,5,6,7] Operation Address Used CSx* ZZ SHUT DOWN ADV_LD WE BWEx OE CEN CLK DQs Standby Mode None H L L L X X X L L-H 3-State Continue Deselect None X L L H X X X L L-H 3-State Read Cycle (Start Burst) External L L L L H X L L L-H Data Out Read Cycle (Cont. Burst) Next X L L H X X L L L-H Data Out NOP/Dummy Read (Start) External L L L L H X H L L-H 3-State NOP/Dummy Read (Cont.) Next X L L H X X H L L-H 3-State Write Cycle (Start Burst) External L L L L L L X L L-H Data In Write Cycle (Cont. Burst) Next X L L H X L X L L-H Data In Dummy Write (Start) None L L L L L H X L L-H 3-State Dummy Write (Cont. Burst) Next X L L H X H X L L-H 3-State Clock Inhibit (Stall) N/A X L L X X X X H L-H N/A Sleep Mode N/A H H L X X X X X X 3-State Shutdown Mode None X X H X X X X X X 3-State |