| データシートサーチシステム |
|
UT54ACTS264 データシート(PDF) 2 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54ACTS264 データシート(HTML) 2 Page - Aeroflex Circuit Technology |
|
2 / 11 page ![]() 2 LOGIC SYMBOL Notes: 1. Logic symbols in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12. FUNCTION TABLE FOR C0 OUTPUT FUNCTION TABLE FOR C1 OUTPUT FUNCTION TABLE FOR RCOB OUTPUT FUNCTION TABLE FOR C2 OUTPUT FUNCTION TABLE FOR RCOA OUTPUT (12) C0 (11) C1 (9) C2 (10) RCOA (7) RCOB ≥1 ≥1 ≥1 ≥1 ≥1 1,3 2,3 1,3,5 2,3,5 4,5 1,3,5,7 2,3,5,7 4,5,7 6,7 1,3,5,7, 4,5,7,9 6,7,9 8,9 1 2 4 6 8 (13) CE (4) B0 (3) A0 (2) B1 (1) A1 (15) B2 (14) A2 (6) B3 (5) A3 G9 Z8 G7 Z6 G5 Z4 G3 Z2 Z1 ACTIVE-HIGH INPUTS (12) C0 (11) C1 (9) C2 (10) RCOA (7) RCOB ≥1 ≥1 ≥1 ≥1 1,2 3 5 3,4 1,2,4 7 5,6 3,4,6 1,2,4,6 9 7,8 5,6,8 3,4,6,8 1,2,4,6,8 (13) CE (4) B0 (3) A0 (2) B1 (1) A1 (15) B2 (14) A2 (6) B3 (5) A3 Z9 G8 Z7 G6 Z5 G4 Z3 G2 Z1 ACTIVE-LOW INPUTS 1,4,6,8 INPUTS OUTPUT A0 B0 CE C0 H H X H H X H H L X X L X L L L INPUTS OUTPUT A1 A0 B1 B0 CE C1 H X H X X H H H X H X H H H X X H H L X X X X L X L L X X L X X L L L L INPUTS OUTPUT B3 B2 B1 B0 CE RCOB H X X X X H X H X X X H X X H X X H X X X H X H X X X X H H L L L L L L INPUTS OUTPUT A2 A1 A0 B2 B1 B0 CE C2 H X X H X X X H H H X X H X X H H H H X X H X H H H H X X X H H L X X X X X X L X L X L X X X L X X L L L X X L X X X L L L L L INPUTS OUTPUT A3 A2 A1 A0 B3 B2 B1 CE RCOA H X X X H X X X H H H X X X H X X H H H H X X X H X H H H H H X X X H H L X X X X X X X L X L X X L X X X L X X L X L L X X L X X X L L L L X L X X X X L L L L L |