| データシートサーチシステム |
|
PI49FCT807T データシート(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI49FCT807T データシート(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 6 page ![]() PI49FCT807/2807T Fast CMOS Clock Driver 2 PS7008C 06/26/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 DC Electrical Characteristics (OvertheOperating Range, TA =40°Cto+85°C, VCC =5.0V±5%) Parameters Description TestConditions(1) Min. Typ.(2) Max. Units VOH OutputHIGHVoltage VCC=Min.,VIN=VIHorVIL IOH=15.0mA 2.4 3.3 V IOH=48.0mA 0.2 0.5 V VOL Output LOW Current VCC=Min.,VIN=VIHorVIL IOL=12mA(25Ω) 0.2 0.5 V VIH InputHIGHVoltage GuaranteedLogicHIGHLevel 2.0 V VIL Input LOW Voltage GuaranteedLogicLOWLevel 0.8 V IIH InputHIGHCurrent VCC=Max. VIN=2.7V 1 µA IIL Input LOW Current VCC=Max. VIN=0.5V 1 µA II InputHIGHCurrent VCC=Max.,VIN=VCC(Max.) 20 µA VIK ClampDiodeVoltage VCC = Min., IIN = 18mA 0.7 1.2 V IOS Short Circuit Current VCC=Max.(3),VOUT=GND 60 120 225 mA IOFF Power Down Disable VCC=GND,VOUT=4.5V 100 µA VH Input Hysteresis 150 mV Capacitance (TA=25°C,f=1MHz) Parameters(4) Description TestConditions Typ. Max. Units CIN Input Capacitance VIN=0V 6.0 10 pF COUT Output Capacitance VOUT=0V 8 12 pF Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at Vcc = 5.0V, +25°C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is determined by device characterization but is not production tested. Storage Temperature ...........................................................65°C to +150°C Ambient Temperature with Power Applied............................ -40°C to +85°C Supply Voltage to Ground Potential (Inputs & Vcc Only) ..... 0.5V to +7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) .. 0.5V to +7.0V DC Input Voltage .................................................................. 0.5V to +7.0V DC Output Current ............................................................................. 120mA Power Dissipation .................................................................................. 0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the de- vice. This is a stress rating only and functional opera- tion of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. MaximumRatings (Above which the useful life may be impaired. For user guidelines, not tested.) |