| データシートサーチシステム |
|
ACT4480-DFI データシート(PDF) 5 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACT4480-DFI データシート(HTML) 5 Page - Aeroflex Circuit Technology |
|
5 / 11 page ![]() SCD4480-DFI Rev B 2/27/2013 5 Aeroflex Plainview DATA DATA INHIBIT OUTPUT X X H High Z H H L Low Z (No signal) L L L H L L Low Z (Signal) L H L FIGURE 1 – TX OUTPUT TRUTH TABLE Notes: 1. Data and DATA inputs must be complementary waveforms or 50% duty cycle average, with no delays between them, and in the same state during the off time (both high and low). 2. Region 1; no output signal, High Z state, (Receive Mode), Region 2; No Output signal, Low Z state, Region 3; Transmitter signal on, low Z (Transmitter mode), Region 4; No Output signal, Low Z state, (Terminate Mode). FIGURE 2 – TRANSMITTER LOGIC WAVEFORMS |