データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMDS181I データシート(PDF) 39 Page - Texas Instruments

部品番号 TMDS181I
部品情報  TMDS181x 6 Gbps TMDS Retimer
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I データシート(HTML) 39 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 35Page - Texas Instruments TMDS181I Datasheet HTML 36Page - Texas Instruments TMDS181I Datasheet HTML 37Page - Texas Instruments TMDS181I Datasheet HTML 38Page - Texas Instruments TMDS181I Datasheet HTML 39Page - Texas Instruments TMDS181I Datasheet HTML 40Page - Texas Instruments TMDS181I Datasheet HTML 41Page - Texas Instruments TMDS181I Datasheet HTML 42Page - Texas Instruments TMDS181I Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
TMDS181, TMDS181I
www.ti.com
SLASE75A – AUGUST 2015 – REVISED OCTOBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMDS181 was defined to work in many applications. This includes source applications like a Blu-ray™ DVD
player or AVR. The adaptive receive equalizer makes it ideal for sink applications like UHDTV, monitors, and
projectors where cable length can be widely varied. When in a sink application, the designer must consider
several system-level architectures. The TMDS181 is also capable of working in an active cable to extend the
cable length even further.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: TMDS181 TMDS181I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58