データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCS2112 データシート(PDF) 16 Page - Microchip Technology

部品番号 UCS2112
部品情報  USB Dual-Port Power Switch and Current Monitor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS2112 データシート(HTML) 16 Page - Microchip Technology

Back Button UCS2112 Datasheet HTML 12Page - Microchip Technology UCS2112 Datasheet HTML 13Page - Microchip Technology UCS2112 Datasheet HTML 14Page - Microchip Technology UCS2112 Datasheet HTML 15Page - Microchip Technology UCS2112 Datasheet HTML 16Page - Microchip Technology UCS2112 Datasheet HTML 17Page - Microchip Technology UCS2112 Datasheet HTML 18Page - Microchip Technology UCS2112 Datasheet HTML 19Page - Microchip Technology UCS2112 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
UCS2112
DS20005424B-page 16
 2015 Microchip Technology Inc.
TABLE 3-2:
PIN TYPES
Pin Type
Description
Power
This pin is used to supply power or
ground to the device.
Hi-Power This pin is a high-current pin.
AIO
Analog Input/Output - this pin is used as
an I/O for analog signals.
DI
Digital Input - this pin is used as a digital
input.
DIOD
Open-Drain Digital Input/Output - this
pin is bidirectional. It is open-drain and
requires a pull-up resistor.
OD
Open-Drain Digital Output - used as a
digital output. It is open-drain and
requires a pull-up resistor.
EP
Exposed thermal pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64