| データシートサーチシステム |
|
KS8995M データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
KS8995M データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() 486 Mercury Drive, Sunnyvale, California 94086 Tel: (408) 735-1118 Fax: (408) 735-1119 www.kendin.com System Level Applications The KS8995 can be configured to fit either in a five port 10/100 application or as a four port 10/100 network interface with an extra MII port. This MII port can be connected to an external processor and used for routing purposes or public network access. The major benefits of using the KS8995 are the lower power consumption, unmanaged operation, flexible configuration and built in frame buffering. Two such applications are depicted below. KS8995 5 Port Switch with PHY KS8995 5 Port Switch with PHY Routing Engine KS8995 Applications 5X Transformer or Fiber Interface 4X Transformer or Fiber Interface Public Network Access 5 Port Stand Alone 4 Port with Public Network Interface Or more information products@kendin.com |