| データシートサーチシステム |
|
LM3554TMX/NOPB データシート(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM3554TMX/NOPB データシート(HTML) 18 Page - Texas Instruments |
|
18 / 47 page ![]() STROBE ENVM/TX2 Timeout Duration I2C Torch Command Configuration Register 1 bit 5 (ENVM/TX2) = 1 (ENVM/TX2 operates as a transmit interrupt) ENVM/TX2 as a transmit interrupt ILED ITORCH IFLASH STROBE Timeout Duration I2C Torch Command ILED ITORCH I FLASH Flash Brightness Register bit 7 (STR) = 1 STROBE goes high and the LEDs turn on into Flash mode. LEDs will stay on for the timeout duration even if STROBE goes low before. 18 LM3554 SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016 www.ti.com Product Folder Links: LM3554 Submit Documentation Feedback Copyright © 2009–2016, Texas Instruments Incorporated Feature Description (continued) Figure 32. Strobe Input is Edge Sensitive (STR Bit = 1) Figure 33. ENVM/TX2 Pin is Configured as an Active High TX Input |