データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADG5412F データシート(PDF) 3 Page - Analog Devices

部品番号 ADG5412F
部品情報  Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADG5412F データシート(HTML) 3 Page - Analog Devices

  ADG5412F Datasheet HTML 1Page - Analog Devices ADG5412F Datasheet HTML 2Page - Analog Devices ADG5412F Datasheet HTML 3Page - Analog Devices ADG5412F Datasheet HTML 4Page - Analog Devices ADG5412F Datasheet HTML 5Page - Analog Devices ADG5412F Datasheet HTML 6Page - Analog Devices ADG5412F Datasheet HTML 7Page - Analog Devices ADG5412F Datasheet HTML 8Page - Analog Devices ADG5412F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADG5412F/ADG5413F
Rev. B | Page 3 of 28
SPECIFICATIONS
±15 V DUAL SUPPLY
VDD = 15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, CDECOUPLING = 0.1 µF, unless otherwise noted.
Table 1.
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
VDD = 13.5 V, VSS = −13.5 V, see Figure 32
Analog Signal Range
VDD to VSS
V
On Resistance, RON
10
Ω typ
VS = ±10 V, IS = −10 mA
11.2
14
16.5
Ω max
9.5
Ω typ
VS = ±9 V, IS = −10 mA
10.7
13.5
16
Ω max
On-Resistance Match Between Channels, ∆RON
0.05
Ω typ
VS = ±10 V, IS = −10 mA
0.5
0.6
0.7
Ω max
0.05
Ω typ
VS = ±9 V, IS = −10 mA
0.35
0.5
0.5
Ω max
On-Resistance Flatness, RFLAT(ON)
0.6
Ω typ
VS = ±10 V, IS = −10 mA
0.9
1.1
1.1
Ω max
0.1
Ω typ
VS = ±9 V, IS = −10 mA
0.4
0.5
0.5
Ω max
Threshold Voltage, VT
0.7
V typ
See Figure 28
LEAKAGE CURRENTS
VDD = 16.5 V, VSS = −16.5 V
Source Off Leakage, IS (Off)
±0.1
nA typ
VS = ±10 V, VD =
10V,seeFigure33
±1.5
±5.0
±21
nA max
Drain Off Leakage, ID (Off)
±0.1
nA typ
VS = ±10 V, VD =
10V,seeFigure33
±1.5
±5.0
±18
nA max
Channel On Leakage, ID (On), IS (On)
±0.3
nA typ
VS = VD = ±10 V, see Figure 34
±1.5
±2.0
±4.5
nA max
FAULT
Source Leakage Current, IS
With Overvoltage
±78
µA typ
VDD = 16.5 V, VSS = 16.5 V, GND = 0 V, VS =
±55 V, see Figure 37
Power Supplies Grounded or Floating
±40
µA typ
VDD = 0 V or floating, VSS = 0 V or floating,
GND = 0 V, INx = 0 V or floating, VS =
±55 V, see Figure 38
Drain Leakage Current, ID
With Overvoltage
±2.0
nA typ
VDD = 16.5 V, VSS = 16.5 V, GND = 0 V, VS =
±55 V, see Figure 37
±8.0
±15
±49
nA max
Power Supplies Grounded
±10
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V, VS = ±55 V,
INx = 0 V, see Figure 38
±30
±50
±100
nA max
Power Supplies Floating
±10
±10
±10
µA typ
VDD = floating, VSS = floating, GND = 0 V,
VS = ±55 V, INx = 0 V, see Figure 38
DIGITAL INPUTS/OUTPUTS
Input Voltage High, VINH
2.0
V min
Input Voltage Low, VINL
0.8
V max
Input Current, IINL or IINH
±0.7
µA typ
VIN = VGND or VDD
±1.2
µA max
Digital Input Capacitance, CIN
5.0
pF typ
Output Voltage High, VOH
2.0
V min
Output Voltage Low, VOL
0.8
V max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com