データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS61253 データシート(PDF) 26 Page - Texas Instruments

部品番号 TPS61253
部品情報  High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253 データシート(HTML) 26 Page - Texas Instruments

Back Button TPS61253_16 Datasheet HTML 22Page - Texas Instruments TPS61253_16 Datasheet HTML 23Page - Texas Instruments TPS61253_16 Datasheet HTML 24Page - Texas Instruments TPS61253_16 Datasheet HTML 25Page - Texas Instruments TPS61253_16 Datasheet HTML 26Page - Texas Instruments TPS61253_16 Datasheet HTML 27Page - Texas Instruments TPS61253_16 Datasheet HTML 28Page - Texas Instruments TPS61253_16 Datasheet HTML 29Page - Texas Instruments TPS61253_16 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
26
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8F – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
12.3 Thermal Considerations
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the power-
dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below:
•
Improving the power dissipation capability of the PCB design
•
Improving the thermal coupling of the component to the PCB
•
Introducing airflow in the system
As power demand in portable designs is more and more important, designers must figure the best trade-off
between efficiency, power dissipation and solution size. Due to integration and miniaturization, junction
temperature can increase significantly which could lead to bad application behaviors (i.e. premature thermal
shutdown or worst case reduce device reliability).
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where
high maximum power dissipation exists (e.g. TPS61253 or TPS61259 based solutions), special care must be
paid to thermal dissipation issues in board design. The device operating junction temperature (TJ) should be kept
below 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35