データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4276DV データシート(PDF) 2 Page - Infineon Technologies AG

部品番号 TLE4276DV
部品情報  Low-Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4276DV データシート(HTML) 2 Page - Infineon Technologies AG

  TLE4276DV Datasheet HTML 1Page - Infineon Technologies AG TLE4276DV Datasheet HTML 2Page - Infineon Technologies AG TLE4276DV Datasheet HTML 3Page - Infineon Technologies AG TLE4276DV Datasheet HTML 4Page - Infineon Technologies AG TLE4276DV Datasheet HTML 5Page - Infineon Technologies AG TLE4276DV Datasheet HTML 6Page - Infineon Technologies AG TLE4276DV Datasheet HTML 7Page - Infineon Technologies AG TLE4276DV Datasheet HTML 8Page - Infineon Technologies AG TLE4276DV Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLE 4276
Data Sheet Version 2.2
2
2000-10-11
Functional Description
The TLE 4276 is a low-drop voltage regulator in a TO package. The IC regulates an input
voltageupto40 V to
V
Q,nom = 5.0 V (V50), 8.5 V (V85), 10 V (V10) and adjustable voltage
(V). The maximum output current is 400 mA. The IC can be switched off via the inhibit
input, which causes the current consumption to drop below 10
←A. The IC is short-circuit-
proof and includes temperature protection which turns off the device at overtemperature.
Dimensioning Information on External Components
The input capacitor
C
I is necessary for compensation of line influences. Using a resistor
of approx. 1
τ in series with C
I, the oscillating of input inductivity and input capacitance
can be damped. The output capacitor
C
Q is necessary for the stability of the regulation
circuit. Stability is guaranteed at values
C
Q
∫ 22 ←F and an ESR of ® 3 τ within the
operating temperature range.
Circuit Description
The control amplifier compares a reference voltage to a voltage that is proportional to the
output voltage and drives the base of the series transistor via a buffer. Saturation control
as a function of the load current prevents any oversaturation of the power element. The
IC also incorporates a number of internal circuits for protection against:
• Overload
• Overtemperature
• Reverse polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19