| データシートサーチシステム |
|
SP502 データシート(PDF) 16 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP502 データシート(HTML) 16 Page - Sipex Corporation |
|
16 / 32 page ![]() Rev. 7/21/03 SP502 Multi-Mode Serial Transceiver © Copyright 2003 Sipex Corporation 16 Figure 9. Mode Diagram — RS-422 RD(a) 70 RxD 1 RD(b) 71 RT(a) 37 RxC 20 RT(b) 38 CS(a) 66 CTS 80 CS(b) 67 DM(a) 68 DSR 78 DM (b) 69 RR(a) 35 DCD 19 RR(b) 36 IC(a) 39 RI 21 IC(b) 40 0 1 0 0 0 1 0 0 14 TxD 61 SD(a) 59 SD(b) 13 DTR 58 TR(a) 56 TR(b) 16 RTS 54 RS(a) 52 RS(b) 17 RL 47 RL(a) 45 RL(b) 24 LL 51 LL(a) 49 LL(b) ST/TT ST TT RxT* 1 Enabled Disabled Active 0 Disabled Enabled Inactive * TT driver must be disabled to allow TT(a) and TT(b) to serve as receiver inputs. * When the RxT receiver is active, TT(a) and TT(b) act as receiver inputs. When the RxT receiver is inactive, it cannot serve as a receiver since its inputs are internally connected to the TT(a) and TT(b) driver outputs. RxT 79 15 TxC 42 ST(a) 44 ST(b) 6 ST/TT 63 TT(a) 65 TT(b) MODE: RS-422 DRIVER RECEIVER TDEC3 TDEC2 TDEC1 TDEC0 RDEC3 RDEC2 RDEC1 RDEC0 |