| データシートサーチシステム |
|
SP514CF データシート(PDF) 13 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP514CF データシート(HTML) 13 Page - Sipex Corporation |
|
13 / 20 page ![]() 13 Rev. 3/05/04 SP514 Multi–Mode Serial Transceiver © Copyright 2004 Sipex Corporation Figure 34. Driver Timing Test Load Circuit Figure 35. Receiver Timing Test Load Circuit 500Ω CL Output Under Test S1 S2 VCC 1KΩ 1KΩ CRL Receiver Output S1 S2 Test Point VCC Figure 36. Driver Propagation Delays +3V 0V DRIVER INPUT B A DRIVER OUTPUT VO+ DIFFERENTIAL OUTPUT VA – VB 0V VO– tSKEW tSKEW 1.5V 1.5V tPLH tR tF f ≥ 5MHz; tR ≤ 10ns; tF ≤ 10ns VO 1/2VO 1/2VO tPHL Figure 37. Driver Enable and Disable Times +3V 0V DECX 5V VOL A, B 0V 1.5V 1.5V tZL tZH f = 1MHz; tR ≤ 10ns; tF ≤ 10ns VOH A, B 2.3V 2.3V tLZ tHZ 0.5V 0.5V Output normally LOW Output normally HIGH TX ENABLE Note: Figure 36 shown above is corrected from Figure 5 in SP504 Datasheet. Figure 5 in the SP504 Datasheet is incorrect where A and B are reversed and the V A –VB output should be inverted. |