| データシートサーチシステム |
|
SP5301 データシート(PDF) 8 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP5301 データシート(HTML) 8 Page - Sipex Corporation |
|
8 / 13 page ![]() 8 SP5301DS/10 SP5301 Universal Serial Bus Transceiver © Copyright 2000 Sipex Corporation Figure 4. D+/D to RCV Figure 5. OE to D+/D- Figure 2. D+/D- to VP/VM or VPO/VMO to D+/D- Figure 3. Rise and Fall Times 2.7V INPUT GND VOH OUTPUT VOL tPLH 50% tPHL 50% 50% 50% tRISE 90% 90% 10% VOH VOL tFALL 10% D+ D- VOH VOL tPLH tPHL VCR VCR 2.0V 1.0V 50% 50% 2.7V OE OV VOH VOL D+/D- 1.5V 1.5V tPZH tPZL tPHZ tPLZ VY VX 50% 50% AC WAVEFORMS NOTE: V X = VOL + 0.3V, VY = VOH - 0.3V, VCC > +3.0V, VOL and VOH are the typical output voltage drops that occur with the output load. |